PART |
Description |
Maker |
74AC14 74AC14B 74AC14M 74AC14MTR 5040 74AC14TTR |
HEX SCHMITT INVERTER From old datasheet system HEX INVERTER
|
STMICROELECTRONICS[STMicroelectronics]
|
HCF4502M013TR HCF4502B02 HCF4502 HCF4502BM1 |
4000/14000/40000 SERIES, 6-BIT DRIVER, INVERTED OUTPUT, PDSO16 STROBED HEX INVERTER/BUFFER STROBED HEX INVERTER/BUFFER
|
STMicroelectronics ST Microelectronics
|
74AHCT04D-T |
Hex inverter - Description: Hex Inverter; TTL Enabled ; Logic switching levels: TTL ; Number of pins: 14 ; Output drive capability: /- 8 mA ; Power dissipation considerations: Low Power ; Propagation delay: 3 ns; Voltage: 4.5-5.5 V
|
NXP SEMICONDUCTORS
|
AT89C52-12QA AT89C52-24AI AT89C52-16JA AT89C52-16Q |
Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SOIC -40 to 125 Hex Inverter 14-VQFN -40 to 125 Hex Inverter Buffers/Drivers With Open-Drain Outputs 14-SSOP -40 to 125 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PQFP44 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 16 MHz, MICROCONTROLLER, PDIP40 Hex Inverter 14-TSSOP -40 to 125 8-BIT, FLASH, 12 MHz, MICROCONTROLLER, PQFP44 8-Bit Microcontroller with 8K Bytes Flash 8-BIT, FLASH, 24 MHz, MICROCONTROLLER, PQFP44
|
Atmel Corp. Atmel, Corp.
|
MC74LCX06MEL MC74LCX06 MC74LCX06D MC74LCX06DG MC74 |
Low-Voltage CMOS Hex Inverter with Open Drain Outputs LVC/LCX/Z SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Low-Voltage CMOS Hex Inverter with Open Drain Outputs and 5V-Tolerant Inputs
|
ONSEMI[ON Semiconductor]
|
MC74AC14 MC74AC14D MC74AC14N MC74ACT14 ON1173 MC74 |
HEX INVERTER SCHMITT HEX INVERTER SCHMITT TRIGGER From old datasheet system
|
ON Semiconductor Motorola, Inc
|
74ACTQ04 74ACTQ04PC 74ACTQ04SC 74ACTQ04SJ |
Quiet Series⑩ Hex Inverter Quiet Series Hex Inverter
|
FAIRCHILD[Fairchild Semiconductor]
|
DM74AS04 DM74AS04M DM74AS04N DM74AS04SJ |
CERAMIC CHIP/MIL-PRF-55681 AS SERIES, HEX 1-INPUT INVERT GATE, PDSO14 Hex Inverter
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|
HD74LS06 HD74LS06P-E |
LS SERIES, HEX 1-INPUT INVERT GATE, PDIP14 Hex Inverter Buffers/Drivers (With Open Collector High-Voltage Outputs)
|
Renesas Electronics Corporation
|
HCC40107BDG HCC4017BDG HCC4017BDT HCC4027BDG HCC40 |
Rad-hard dual 2-input NAND buffer/driver Rad-hard decade counter/divider Rad-hard dual J-K master-slave Flip-Flop Rad-hard triple 3-input NAND gate Rad-hard 4-bit magnitude comparator Rad-hard triple 3-input AND gate Rad-hard hex buffer 3-state non-inverter Rad-hard hex schmitt trigger Rad-hard hex inverting buffer/converter Rad-hard hex inverter
|
ST Microelectronics
|
74VHCU04 74VHCU04M 5825 |
HEX INVERTER SINGLE STAGE HEX INVERTER (SINGLE STAGE) From old datasheet system
|
STMicroelectronics
|
CD4069UBC CD4069UBC_02 CD4069UBCM CD4069UBCN CD406 |
LOGIC GATE|HEX INVERTER|CMOS|SOP|14PIN|PLASTIC 逻辑门|六角逆变器|的CMOS |专科| 14PIN |塑料 Inverter Circuits
|
Fairchild Semiconductor, Corp. FAIRCHILD[Fairchild Semiconductor]
|